PART |
Description |
Maker |
C8061-01 C755707 C8062-01 |
Multichannel detector head controller
|
Hamamatsu Corporation
|
C7973 |
CCD multichannel detector head
|
HAMAMATSU[Hamamatsu Corporation]
|
C7181 C7180 |
CCD multichannel detector head
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
S5930-256S S5930-512S C5964 C5964-0800 C5964-0801 |
NMOS multichannel detector head
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|
ESAC33N ESAC33C ESAC33D |
CON HEAD 64 F D 0.05" STR 10UGLD T&R 快速恢复二极管 FAST RECOVERY DIODE
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
C718007 C7181 |
Detector head for back-thinned CCD area image sensor
|
Hamamatsu Corporation
|
E3C-GE4 E3C-S20DW E3C-LS3R2M E3C-C E3C-A E3C-DS5W2 |
Compact Head Amplifier-separated Photoelectric Sensor Thin, Compact Head Saves Space and Mounts Closely. Built-in Interference Protection Provided.
|
Omron Electronics LLC
|
HSMS-B2825 HSMS-B2825-TR2G HSMS-2820-BLKG HSMS-282 |
HSMS-282P · RF mixer/detector diode HSMS-282K · RF mixer/detector diode Surface Mount RF Schottky Barrier Diodes HSMS-282F · RF mixer/detector diode HSMS-2829 · RF mixer/detector diode HSMS-282R · RF mixer/detector diode HSMS-2825 · RF mixer/detector diode HSMS-2823 · RF mixer/detector diode HSMS-2822 · RF mixer/detector diode HSMS-2824 · RF mixer/detector diode HSMS-2820 · RF mixer/detector diode HSMS-282L · RF mixer/detector diode
|
Agilent(Hewlett-Packard... http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
AD8362 AD8362ARU AD8362ARU-REEL7 AD8362ARUZ1 AD836 |
50 Hz to 2.7 GHz 60 dB TruPwr⑩ Detector 50 Hz to 2.7 GHz 60 dB TruPwr??Detector 50 Hz to 2.7 GHz 60 dB TruPwr Detector From old datasheet system IC,THRESHOLD DETECTOR,TSSOP,16PIN,PLASTIC
|
AD[Analog Devices] adi
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
ILC5061AM2 ILC5061M46X ILC5061M46 ILC5061M44X ILC5 |
Power Supply reset Monitor with 1% Precision Power Supply reset Monitor with 1% Precision 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 150K 1/8W RESISTOR Voltage Detector (3.1V) Voltage Detector (3.2V) Voltage Detector (2.9V) Voltage Detector (2.8V) Voltage Detector (3.4V) Voltage Detector (4.6V) Voltage Detector (2.3V)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ADSST-21065LCS-240 ADSST-21065LKCA-240 ADSST-21065 |
High End, Multichannel, 32-Bit Floating-Point Audio Processor High End/ Multichannel/ 32-Bit Floating-Point Audio Processor Melody SHARC: Complete Audio Processor for Multichannel Digital Audio
|
意法半导 ST Microelectronics Analog Devices
|